PART |
Description |
Maker |
2SA814 |
(2SA814 / 2SA815) Silicon POwer Transistors
|
SavantIC
|
2SB1103 |
Silicon PNP Darlington Transistor Silicon PNP Triple Diffused
|
HITACHI[Hitachi Semiconductor]
|
MSB92T1G |
PNP Silicon General Purpose High Voltage Transistor SS SC59 HV XSTR PNP 300V 150 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
2SA1742 2SA1742K 2SA1742-K |
7 A, 60 V, PNP, Si, POWER TRANSISTOR Silicon powor transistor PNP SILICON EPITAXIAL TRANSISTOR FOR HIGH-SPEED SWITCHING 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset
|
NEC[NEC]
|
BC856 BC857 |
General Purpose Transistor PNP Silicon(-65V通用型硅PNP晶体 通用硅晶体管进步党(- 65V的通用型硅晶体管进步党 General Purpose Transistor PNP Silicon(-45V??????PNP?朵?绠?
|
ON Semiconductor
|
MPQ3799 MPQ3798 |
PNP SILICON QUAD TRANSISTOR PNP SILICON QUAD TRANSISTOR 50 mA, 40 V, 4 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-116
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
CMLM0605 |
MULTI DISCRETE MODULESURFACE MOUNT LOW VCE (SAT) SILICON PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Central Semiconductor, Corp.
|
2SA1460 2SA1460-AZ 2SA1460-L-AZ 2SA1460L 2SA1460K |
TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 1A I(C) | TO-221VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 1000 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP SILICON TRANSISTOR
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers
|
BCY72 BCY70 BCY71 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% PNP SILICON TRANSISTORS PNP SILICON PLANAR EPITAXIAL TRANSISTORS
|
MICRO-ELECTRONICS[Micro Electronics]
|
2SC4983 2SA1881 |
PNP Epitaxial Planar Silicon Transistor Low-Frequency General-Purpose Amplifier Applications PNP/NPN Epitaxial Planar Silicon Transistors
|
Sanyo
|